Part Number Hot Search : 
GP20A C5200 UTT60P03 2SK184 SC440 NCV33 LBS14 LA6517
Product Description
Full Text Search
 

To Download 72PR50LFTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 72
3/8" Square Single Turn Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 2Meg 10% (<100 Ohms = 20%) 200 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.5 at 85C derating to 0 at 125C 2 Ohms 244 900 Vrms 1,000 Megohms Essentially infinite 1% or 1 Ohm, whichever is greater
Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
MECHANICAL
85C Fluorinert(R) (No Leaks) 100ppm/C -55C to +125C 5 cycles, -55C to +125C (1% RT, 1% VR) Ten 24 hour cycles (1% RT, IR 100 Megohms Min.) 100G's (1% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 2% VR) 200 cycles (3% RT) 1,000 hours at 70C (2% RT) 260C for 10 sec. (1% RT)
Mechanical Stops Torque, Starting Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Solid 3 oz.-in. (0.021 N-m) .025 oz. (0.70 grams)
1-55
Model 72
TOP ADJUSTMENT (Inch/mm)
Model 72P Model No., Resistance Value And Date Code marked on side .187 .015 4.75 .38 .375 .015 9.53 .38 .187 .015 4.75 .38 .100 .010 2.5 .3 .100 .010 2.5 .3 .375 .015 9.53 .38 Standoffs .015 .002 .38 .05 .187 .015 4.75 .38 1 2 .100 .010 2.5 .3 O.021 .003/.53 .08 Solderable Terminals
3
Electrical Adjustment .13 .005/3.3 .13 Long x .03 .003/.76 .08 Wide x .038 .005/.96 .13 Deep
.206 .015 5.23 .38
.180 Min. 4.6
Note: Model 72P dimensions applicable to all other models except as noted.
Model 72PL .015 .010 .38 .3
Model 72PM
.100 .010 2.5 .3
.187 .015 4.75 .38 1 2 3
.187 .015 4.75 .38 3 2 .100 .010 2.5 .3 1 .100 .010 2.5 .3 .187 .015 4.75 .38
.100 .010 2.5 .3 .200 .010 5.1 .3
.10 .010 2.5 .3
Model 72PX, 72RPX .015 .010 .38 .3 3 2 .150 .010 3.8 .3 1 .150 .010 3.8 .3 .187 .015 4.75 .38
Model 72RP
.100.010 2.5.3
.187.015 4.75.38
.160.015 4.6.38
2
.100.010 2.5.3
3
1 .100.010 2.5.3
Model 72RPX - Terminals 1 and 3 are reversed
1-56
Model 72
SIDE ADJUSTMENT (Inch/mm)
1
Model 72X, 72RX Model 72XL, 72RXL, 72RW
.386 9.80 3 2 1
.017 .003 .43 .08 Standoffs .100 .010 2.5 .3 .100 .010 2.5 .3 .100 .010 2.5 .3 .187 .015 4.75 .38 3 2 1
.017 .003 .43 .08 Standoffs
.187 .015 4.75 .38
.100 .010 2.5 .3
.100 .010 2.5 .3
.050 .015 1.27 .38
72XL, 72RXL
.140 .015 3.56 .38
72RW
.100 .015 2.5 .38
Model 72RX - Terminals 1 and 3 are reversed
Model 72RXL And 72RW - Terminals 1 and 3 are reversed
Model 72XW, 72RXW .017 .003 .43 .08 Standoffs 3 2 .150 .010 3.8 .3 1 .150 .010 3.8 .3 .187 .015 4.75 .38
.140 .015 3.56 .38
Model 72RXW - Terminals 1 and 3 are reversed
1-57
Model 72
EXTENDED ROTOR OPTION (Inch/mm)
ADJUSTMENT KNOB OPTION (Inch/mm)
Available for all Model 72 pin styles: 72PE, 72PLE, 72PME, 72PXE, 72RPXE, 72XE, 72RXE, 72XLE, 72RXLE, 72RWE, 72XWE, 72RXWE
Available options: 72XT- Side Adjustment (See 72X for Pin Configuration) 72PT- Top Adjustment (See 72P for Pin Configuration)
.310.031 7.870.79
Electrical Adjustment .14 .005/3.56 .13 Dia. x .04 .003/1.02 .08 Wide x .063 .005/1.60 .13 Deep Slot
O.330 .01 8.38 .13
Adjustment Knob Slot .220 .005/5.59 .13 Long x .040 .005/1.02 .13 Wide x .045 .005/1.14 .13 Min. Depth
.206 .015 5.23 .38
.410 .02 10.41 .51
72PT Shown - Dimensions applicable to 72XT
STANDARD RESISTANCE VALUES, OHMS
10 20 50
100 200 500
1K 2K 5K
10K 20K 25K
50K 100K 200K
250K 500K 1Meg
2Meg
1-58
Model 72
PACKAGING
1 Standard: Boxes Capacity Option: = 100 Units
Tubes All units oriented with #1 pin to same side. Pin Style Width Height Length Capacity P, PM 0.47" 0.54" 20.5" 50 Units X, XL, XW, RW 0.29" 0.76" 20.1" 50 Units
Magazine
= = = =
Option:
Tape & Reel, Ammo Pack (Available only for 72RW only) All units oriented with #1 pin to the right of the direction of feed. Seat Plane to Centerline of Sprocket Hole Width Sprocket Capacity Diameter Tape Fold Box
Tape
Reel Ammo
= = = = = = =
.71" (18.03 mm) 18 mm Single Hole .50" spacing 1,000 Units 14" (356mm) 12" (305mm) 1.8" x 13" x 10" (46mm x 330mm x 254mm)
1-59
Model 72
ORDERING INFORMATION
Standard: Model Series Pin Style Option: Pin Style
72 P R 10K LF RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix 72 W R 10K LF TB Packaging Option: TB = Tubes (Pin styles P, PM, X, XL, XW, RW) RoHS Compliant Product Code - Optional 72 RW F R 10K LF TR Pin Style Pin Style Suffix: (Used with AP and TR packaging options. Applicable to pin style RW only. "F" designates 0.70" lead length.) Packaging Option: AP = Ammo pack TR = Tape & Reel (Pin style RW only) RoHS Compliant Product Code - Optional
Option:
Option: Pin Style
72 X T R 10K LF RoHS Compliant Product Code - Optional
Adjustment Options: T = Knob Option Applicable to pin style X & P only. E = Extended Rotor Option Applicable to all pin styles.
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
(2) (1) CW (3)
INCH mm
1-60
Model 72


▲Up To Search▲   

 
Price & Availability of 72PR50LFTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X